Part Number Hot Search : 
SL1505 01906 LM324A 1336M D2587P59 1217M KL07ES A1205LLH
Product Description
Full Text Search
 

To Download HF08140-KM1YC3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all specification & dimensions are subj ect to change, please call your nearest foxconn sales representative for update information . specifications friction header connector hf08 series friction t/h type 2.54 mm [ . 100 " ] pitch mechanical c ontact r etention f orce : 1.36 kgf min . durability: 500 cycle s electrical voltage rating: 250v current rating: 3.0 a per pin min. contact resistance: 3 0 m w max. dielectric withstanding volt age: 750 v ac i nsulation resistance: 1000m w min. physical housing: t hermoplastic , glass f illed , ul94v - 0 r ating contact: brass plating: see ?ordering information? operating temperature: - 40 j to + 10 5 j drawing ordering information e = tin with lead free plating 3 = 30u" min. gold plating 0 = tin/lead plating contact area plating none: standard product m2 : dim.e=3.81mm ,one guide post m1 : dim.e=3.81mm ,one guide post none : dim.e=1.27mm y: yellow color r: red color none :white color optional for modification code product no.: hf08 ** * - * * * * * on 1 pos., dim. d = 3.56mm dim.e=1.3mm on 1 pos., dim. d = 3.56mm dim.e=2.3mm terminals are kinked k: the 2nd & n-1th pos. of header series friction lock insulator material no. of position 08 = nylon 6.6 with rohs compliance see attachment
all specification & dimensions are subj ect to change, please call your nearest foxconn sales representative for update information .


▲Up To Search▲   

 
Price & Availability of HF08140-KM1YC3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X